Part Number Hot Search : 
48F70 1106FD 15KE130 MAX664 SA20A CD17HS 91MT120K RM78704
Product Description
Full Text Search
 

To Download PSC-LP-FCCAX1-SO-D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smb connector (low cost version) psc series psc series is intermateable with smb connectors which conform to mil-prf-39012 and modifed smaller and lighter. the shell and contact are press-fabricated and the insulator is formed by mold to meet low cost requirement. base station, telecom, measurement equipment 1. vswr is less than 1.2 at frequency range dc ? 4ghz. 2. mating height is 9mm(max.) from pcb surface.(mating connector is psc-sr-rs-d2) 3. applicable cable is a fexible cable and a semi-fexible cable. characteristic impedance 50 rated voltage 335vac(r.m.s.) dielectric withstanding voltage 1000v ac(r.m.s) / 1minute insulation resistance 1000m (min.) at 500v dc contact resistance 6m (max.) frequency range dc ? 4ghz vswr 1.2(max.) mating height 9.0mm(max.)psc series operating temperature -40 ? +85 psc-lp-1.5dw-cr1 double ended cable assembly.l=150mm vswr frequency ghz              rohs compliant rohs compliant connector type frequency range dc ? 4ghz push-on contact copper alloy / au plating insulator fluorine resin , pa resin outer conductor copper alloy / ni plating, au plating 151216 outline applications specifications feature material/finish 50 dip or smt lock type characteristic impedance mounting type smb applicable cable 1.5d-2w, ut-085 rg-316 the specifcations are typical but may not apply to all connectors. please check the specifcations on each item with its drawing from us when you use. conforming standard mil-prf-39012 vswr http://www.ddknet.co.jp please acknowledge that the specifcation etc. of this catalog might change by the improvement etc. without notice. moreover, the characteristic and the specifcation of the published product are the reference values. please confrm the content with the latest delivery specifcations when you use the product.
part number contact outer conductor applicable cable psc-lp-1.5dw-cr1 au ni 1.5d-2w equivalent 1.5d-hq?superfujikura equivalent psc-lp-1.5dw-cr1-d1 au psc-lp-316u-cr1 au ni rg-316/u equivalent psc-lp-316u-cr1-d1 au part number contact outer conductor packaging style quantity psc-sr-ps-d2 au au embossed packaging 1000 pcs / reel 2 part number contact outer conductor applicable cable psc-lp-fccax1-so au ni fccaxb1nissei equivalent ut-85 equivalent semi-fexible cable) PSC-LP-FCCAX1-SO-D1 au smt type plug connector please favor us your cable assembly order to assure the performance. 0.15 contact thickness 0.3 body thickness 5.6 3.66 0.3 0.5 6 6 pcb land reference dimensions 0.7 0.3 1 0.8 1 45 5.3 6.6 2.1 0.3 0.3 0.7 4.1 1.95 0.8 1.2 0.8 3.3 0.3 1.5 0.05 0.7 0.05 1.8 0.05 5.6 0.05 2-1 0.05 2-2.4 0.05 6.6 0.05 2-1 0.05 2-1 0.05 2-45 4 2-45 sig gnd pattern prohibited area metal mask dimensionst=0.10.15L 4.15 4.3 (7.9) (11.65) 4.15 (8.65) (3.1) 7.55 please favor us your cable assembly order to assure the performance. appearance is exactly same. straight receptacle connector this product will be sold in 1000 pieces / reel http://www.ddknet.co.jp unitmm pscseries please acknowledge that the specifcation etc. of this catalog might change by the improvement etc. without notice. moreover, the characteristic and the specifcation of the published product are the reference values. please confrm the content with the latest delivery specifcations when you use the product.
packaging specifcations reel dimensions emboss tape dimensions ?80 ?330 17.4 22.4 max. user direction of feed 7.5 1.75 16 2 4 12 6.2 1.5 ? psc-sr-ps-d2 au ? au yB ?y ??g 1000 u?1000/`???????br??1000g??? ?r????e?? 0 0 1 22a 1 1 2 12 2 1 ? psc-sr-ps-d2 au ? au yB ?y ??g 1000 u?1000/`???????br??1000g??? ?r????e?? 3 iuuqxxxeelofudpkq 6ojunn 14$y4fsjft ? 1mfbtfbdlopxmfehfuibuuiftqfdjpdbujpofudpguijtdbubmphnjhiudibohfczuifjnqspwfnfoufudxjuipvuopujdf y.psfpwfs uifdibsbdufsjtujdboeuiftqfdjpdbujpopguifqvcmjtifeqspevdubsfuifsfgfsfodfwbmvft y1mfbtfdpopsnuifdpoufouxjuiuifmbuftuefmjwfsztqfdjpdbujpotxifozpvvtfuifqspevdu


▲Up To Search▲   

 
Price & Availability of PSC-LP-FCCAX1-SO-D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X